Part Number Hot Search : 
2001500 G65SC HDS800 AX4126ES 00050 50N03 NCP1338 HCT2G
Product Description
Full Text Search
 

To Download SF8A600H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-d0q025-001 1 SF8A600H ultrafast recovery rectifier to-220f-2l 600v, 8a ultrafast recovery rectifiers features ? high voltage and high reliability ? ultrafast reverse recovery time ? high speed switching ? low power loss and high efficiency ? full lead (pb)-free and rohs compliant device applications ? general purpose ? switching mode power supply ? free-wheeling diode for motor application ? power switching circuits ? dc-dc converter systems description the SF8A600H is ideally as boost diode in discontinuous or critical mode power factor corrections. the device is also intended for use as a freewheeling diode in power supplies and other power switching applications. ordering information device marking code package packaging SF8A600H SF8A600H to-220f-2l tube marking information product characteristics i f(av) 8a v rrm 600v v fm @ tj=125 1.40v t rr 35ns auk = manufacture logo ? = control code of manufacture ymdd = date code marking -. y = year code -. m = monthly code -. dd = daily code SF8A600H = specific device code pin configuration pin 1: cathode pin 2: anode
ksd-d0q025-001 2 absolute maximum ratings (limiting values) characteristic symbol value unit maximum repetitive reverse voltage maximum working peak reverse voltage maximum dc blocking voltage v rrm v rwm v r 600 v maximum average forward rectified current i f(av) 8 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode i fsm 100 a storage temperature range t stg -45 to +150 maximum operating junction temperature t j 150 thermal characteristics characteristic symbol value unit maximum thermal resistance junction to case r th(j-c) 5.0 /w electrical characteristics characteristic symbol test condition min. typ. max. unit peak forward voltage drop v fm (1) i fm = 5a t j =25 - - 1.60 v t j =125 - - 1.40 v reverse leakage current i rm (1) v r = v rrm t j =25 - - 10 ua t j =125 - - 200 ua reverse recovery time t rr i f = 1a, di/dt =-100 a/us - - 35 ns junction capacitance c j v r = 10v dc , f=1mhz - 50 - pf note : (1) pulse test : t p 380 ? , duty cycle 2% SF8A600H
ksd-d0q025-001 3 electrical characteristic curves SF8A600H p d fig. 3 p f - i o fig.1 i f - v f [ ? ] fig. 5 i fsm ? number of cycle fig. 6 i o derating - t c fig. 4 c t - v r fig. 2 i r - v r
ksd-d0q025-001 4 package outlin e dimension SF8A600H
ksd-d0q025-001 5 the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equipm ents without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice. SF8A600H


▲Up To Search▲   

 
Price & Availability of SF8A600H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X